Part Number Hot Search : 
1N3034C A78L05 S6400 F2812 B7105 LRTBGRUG BAT6807W SA101
Product Description
Full Text Search
 

To Download SZ3011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v z : 3.3 - 200 volts p d : 1.5 watts complete voltage range 3.3 to 200 volts high peak reverse power dissipation high reliability low leakage current case : sma (do-214ac) molded plastic epoxy : ul94v-o rate flame retardant lead : lead formed for surface mount polarity : color band denotes cathode end mounting position : any weight : 0.064 grams maximum ratings rating at 25 c ambient temperature unless otherwise specified rating symbol value unit dc power dissipation at t l = 75 c (note1) p d 1.5 w maximum forward voltage at i f = 200 ma v f 1.5 v junction temperature range t j - 55 to + 150 c storage temperature range ts - 55 to + 150 c note : (1) t l = lead temperature at 5.0 mm 2 ( 0.013 mm thick ) copper land areas. 0 25 50 75 100 125 150 175 t l, lead temperature ( c) 0.3 0.6 0.9 1.2 1.5 p d , maximum dissipation (watts) fig. 1 power temperature derating curve 5.0 mm 2 ( 0.013 mm thick ) copper land areas. pb / rohs free sz303d-sz30d0 surface mount silicon zener diodes dimensions in inches and (millimeters) sma/do-214ac features mechanical data ? ? ? ? ? ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics rating at 25 c ambient temperature unless otherwise specified nominal zener maximum zener maximum reverse maximum dc type voltage impedance leakage current zener current v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r @ v r i zm (v) (ma) ( w ) ( w ) (ma) ( m a) (v) (ma) sz303d 3.3 113.6 10 500 1.0 100 1.0 454 sz303g 3.6 104.2 9.0 500 1.0 75 1.0 416 sz303j 3.9 96.1 7.5 500 1.0 50 1.0 384 sz304d 4.3 87.2 6.0 500 1.0 50 1.0 348 sz304h 4.7 79.8 5.0 500 1.0 50 1.5 319 sz305b 5.1 73.5 4.0 350 1.0 50 2.0 294 sz305g 5.6 66.9 2.0 250 1.0 50 3.0 267 sz306c 6.2 60.5 2.0 200 1.0 50 4.0 241 sz306i 6.8 55.1 2.5 200 1.0 50 5.2 220 sz307f 7.5 50.0 3.0 400 0.5 50 6.0 200 sz308c 8.2 45.7 3.5 400 0.5 50 6.5 182 sz309b 9.1 41.2 4.0 500 0.5 50 7.0 164 sz3010 10 37.5 4.5 500 0.25 50 8.0 150 SZ3011 11 34.1 5.5 550 0.25 50 8.4 136 sz3012 12 31.2 6.5 550 0.25 1.0 9.1 125 sz3013 13 28.8 7.0 550 0.25 1.0 9.9 115 sz3015 15 25.0 9.0 600 0.25 1.0 11.4 100 sz3016 16 23.4 10 600 0.25 1.0 12.2 93 sz3018 18 20.8 12 650 0.25 1.0 13.7 83 sz3020 20 18.7 14 650 0.25 1.0 15.2 75 sz3022 22 17.0 17.5 650 0.25 1.0 16.7 68 sz3024 24 15.6 19 700 0.25 1.0 18.2 62 sz3027 27 13.9 23 700 0.25 1.0 20.6 55 sz3030 30 12.5 26 750 0.25 1.0 22.8 50 sz3033 33 11.4 33 800 0.25 1.0 25.1 45 sz3036 36 10.4 38 850 0.25 1.0 27.4 41 sz3039 39 9.6 45 900 0.25 1.0 29.7 38 sz3043 43 8.7 53 950 0.25 1.0 32.7 34 sz3047 47 8.0 67 1000 0.25 1.0 35.8 31 sz3051 51 7.3 70 1100 0.25 1.0 38.8 29 sz3056 56 6.7 86 1300 0.25 1.0 42.6 26 sz3062 62 6.0 100 1500 0.25 1.0 47.1 24 sz3068 68 5.5 120 1700 0.25 1.0 51.7 22 sz3075 75 5.0 140 2000 0.25 1.0 56.0 20 sz3082 82 4.6 160 2500 0.25 1.0 62.2 18 sz3091 91 4.1 200 3000 0.25 1.0 69.2 16 sz30b0 100 3.7 250 3100 0.25 1.0 76.0 15 sz30b1 110 3.4 300 4000 0.25 1.0 83.6 13 sz30b2 120 3.1 380 4500 0.25 1.0 91.2 12 sz30b3 130 2.9 450 5000 0.25 1.0 98.8 11 sz30b5 150 2.5 600 6000 0.25 1.0 114.0 10 sz30b6 160 2.3 700 6500 0.25 1.0 121.6 9.0 sz30b8 180 2.1 900 7000 0.25 1.0 136.8 8.0 sz30d0 200 1.9 1200 8000 0.25 1.0 152.0 7.0 note : ( 1 ) the type number listed have a standard tolerance on the nominal zener voltage of 10%, altered the fourth number of type from " 0 " for 10% tolerance to be " 5 " for 5.0% tolerance. ( 2 ) " sz " will be omitted in marking on the diode. sz303d-sz30d0 surface mount silicon zener diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SZ3011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X